Part Number Hot Search : 
MMBT5 1N4764 MAC16HCM YLT500VM SM4T30A 74F164A 29LV0 TA8488AF
Product Description
Full Text Search
 

To Download ME282030A01A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preset counters mechanic
Meter counters PTB approved, adding Display 5 digits, manual reset by lever
ME282 PTB
Features - PTB Preset counter with one or two presets - Meter counter - Adding - Display 5-digits - Reset by lever
ME282 - PTB Meter counter Technical data - electrical ratings Preset Preset setting 2 presets Press reset button and hold. Enter desired value in any order. Release reset button. Trigger at preset 1 (adding) Trigger at preset 2 Change-over contact 230 VAC / VDC 2A 100 VA / 30 W Recommended for inductive load Drive shaft Reset Technical data - mechanical design Function Display Number of digits Digit height PTB approval Count mode PTB Meter counter with preset White numbers on black Decimal digit with scale 5-digits 7 mm 1.3 / 91.08 Adding in a rotational direction to be indicated, subtracting in reverse direction. 2 revs. = 10 counts Both sides, o7 mm By reset lever to preset value. Do not let snap lever or make jerky movements. 1 dm 9999.95 m 0...+60 C Surface mount housing Grey 120 x 105 x 95 mm Base plate, 4 mounting holes 140 g Aluminium die cast alloy Terminal block connector
Subject to modification in technic and design. Errors and omissions excepted. 30/10/2008
Limit switch Precontact Output contact Switching voltage Switching current Switching capacity Spark extinguisher
Measuring speed Measuring precision Measuring range Operating temperature Housing type Housing colour Dimensions W x H x L Mounting Weight approx. Material E-connection
2 revs. = 10 di. = <250.0 m/min
Dimensions mounting plate 158 x 105 mm
1
www.baumerivo.com
Meter counters PTB approved, adding Display 5 digits, manual reset by lever
Preset counters mechanic
ME282 PTB
Part number ME282.0 0 A A Measuring range A 9999.95 m / decimal digit with scale Count mode /Direction of rotation 01 2 revs. = 10 digits / I 02 2 revs. = 10 digits / II Housing A Surface mount housing, grey Preset / reset 1 1 preset / reset lever, permanent contact 3 2 presets / reset lever, permanent contact Dimensions 120 Direction of strokes and rotation
Away from user Sense of rotation I Accessories Measuring wheels (page %S)
Towards user Sense of rotation II
MR512.07A Circumf. 50 cm, knurled aluminium MR542.07D Circumf. 50 cm, smooth Hytrel TPE-E MR552.07A Circumf. 50 cm, smooth Vulkollan PUR MR562.07A Circumf. 50 cm, knopped rubber NBR Nitril MR592.07D Circumf. 50 cm, grooved Hytrel TPE-E
o7
28
8
67
95
20 43 68 105 52
18
o6.4 137 158 210
2
www.baumerivo.com
30/10/2008
Subject to modification in technic and design. Errors and omissions excepted.


▲Up To Search▲   

 
Price & Availability of ME282030A01A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X